Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download MPIC2111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MPIC2111/D
Power Products Division
Advance Information
HALF-BRIDGE DRIVER
The MPIC2111 is a high voltage, high speed, power MOSFET and IGBT driver with dependent high and low side referenced output channels designed for half- bridge applications. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. Logic input is compatible with standard CMOS outputs. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Internal deadtime is provided to avoid shoot-through in the output half-bridge. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates from 10 to 600 volts.
MPIC2111
HALF-BRIDGE DRIVER
* * * * * * * * * *
Floating Channel Designed for Bootstrap Operation Fully Operational to +600 V Tolerant to Negative Transient Voltage dV/dt Immune Gate Drive Supply Range from 10 to 20 V Undervoltage Lockout for Both Channels CMOS Schmitt-triggered Inputs with Pull-down Matched Propagation Delay for Both Channels Internally Set Deadtime High Side Output in Phase with Input
8 8 1
P SUFFIX PLASTIC PACKAGE CASE 626-05
1
PRODUCT SUMMARY
VOFFSET IO+/- VOUT ton/off (typical) Deadtime (typical) 600 V MAX 200 mA/420 mA 10 - 20 V 130 & 90 ns 700 ns
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8)
ORDERING INFORMATION
Device MPIC2111D MPIC2111P Package SOIC PDIP
PIN CONNECTIONS
(TOP VIEW) VCC 1 IN 2 COM 3 LO 4 8 LEADS DIP MPIC2111P 8 VB 7 HO 6 VS 5 VCC 1 IN 2 COM 3 LO 4 8 LEAD SOIC MPIC2111D 8 VB 7 HO 6 VS 5
This document contains information on a new product. Specifications and information herein are subject to change without notice.
REV 1
(c) Motorola Power Motorola, Inc. 1996
Products Division Advanced Data
1
MPIC2111
SIMPLIFIED BLOCK DIAGRAM
VB DEAD TIME HV LEVEL SHIFT PULSE GEN IN UV DETECT UV DETECT PULSE FILTER R R S Q HO
VS VCC
LO DEAD TIME COM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Rating High Side Floating Supply Absolute Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Low Side Fixed Supply Voltage Low Side Output Voltage Logic Input Voltage Allowable Offset Supply Voltage Transient *Package Power Dissipation @ TC +25C Thermal Resistance, Junction to Ambient Operating and Storage Temperature Lead Temperature for Soldering Purposes, 10 seconds (8 Lead DIP) (8 Lead SOIC) (8 Lead DIP) (8 Lead SOIC) Symbol VB VS VHO VCC VLO VIN dVS/dt PD - RJA Tj, Tstg TL Min -0.3 VB-25 VS-0.3 -0.3 -0.3 -0.3 - - - - - -55 - Max 625 VB+0.3 VB+0.3 25 VCC+0.3 VCC+0.3 50 1.0 0.625 125 200 150 260 Unit VDC
V/ns Watt C/W C C
RECOMMENDED OPERATING CONDITIONS
The Input/Output logic timing Diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15 V differential. High Side Floating Supply Absolute Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Low Side Fixed Supply Voltage Low Side Output Voltage Logic Input Voltage Ambient Temperature VB VS VHO VCC VLO VIN VS+10 Note 1 VS 10 0 0 -40 VS+20 600 VB 20 VCC VCC 125 C mA V
TA Note 1: Logic operational for VS of -5 to +600 V. Logic state held for VS of -5 V to -VBS.
2
Motorola Power Products Division Advanced Data
MPIC2111
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified)
Characteristic Symbol Min Typ Max Unit STATIC ELECTRICAL CHARACTERISTICS VBIAS (VCC, VBS) = 15 V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO. Logic "1" Input Voltage for HO & Logic "0" Input Voltage for LO @ VCC = 10 V Logic "1" Input Voltage for HO & Logic "0" Input Voltage for LO @ VCC = 15 V Logic "1" Input Voltage for HO & Logic "0" Input Voltage for LO @ VCC = 20 V Logic "0" Input Voltage for HO & Logic "1" Input Voltage for LO @ VCC = 10 V Logic "0" Input Voltage for HO & Logic "1" Input Voltage for LO @ VCC = 15 V Logic "0" Input Voltage for HO & Logic "1" Input Voltage for LO @ VCC = 20 V High Level Output Voltage, VBIAS-VO @ IO = 0 A Low Level Output Voltage, VO @ IO = 0 A Offset Supply Leakage Current @ VB = VS = 600 V Quiescent VBS Supply Current @ VIN = 0 V or VCC Quiescent VCC Supply Current @ VIN = 0 V or VCC Logic "1" Input Bias Current @ VIN = 15 V Logic "0" Input Bias Current @ VIN = 0 V VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold Output High Short Circuit Pulsed Current @ VOUT = 0 V, PW 10 s Output Low Short Circuit Pulsed Current @ VOUT = 15 V, PW 10 s DYNAMIC ELECTRICAL CHARACTERISTICS VBIAS (VCC, VBS) = 15 V unless otherwise specified Turn-On Propagation Delay @ VS = 0 V Turn-Off Propagation Delay @ VS = 600 V Turn-On Rise Time @ CL = 1000 pF Turn-Off Fall Time @ CL = 1000 pF Deadtime, LS Turn-Off to HS Turn-On & HS Turn-Off to LS Turn-On Delay Matching, HS & LS Turn-On/Off ton toff tr tf DT MT - - - - - - 850 150 80 40 700 30 - - - - - - ns VIH VIH VIH VIL VIL VIL VOH VOL ILK IQBS IQCC IIN+ IIN- VBSUV+ VBSUV- VCCUV+ VCCUV- IO+ IO- 6.4 9.5 12.6 - - - - - - - - - - - - - - 200 420 - - - - - - - - - 50 70 20 - 8.5 8.2 8.6 8.2 250 500 - - - 3.8 6.0 8.3 100 100 50 - - 40 1.0 - - - - - - mA V A mV VDC
TYPICAL CONNECTION
VCC 10 TO 600 V
VCC IN IN COM LO
VB HO VS TO LOAD
Motorola Power Products Division Advanced Data
3
MPIC2111
LEAD DEFINITIONS
Symbol IN VB HO VS VCC LO COM Lead Description Logic Input for High Side and Low Side Gate Driver Outputs (HO & LO), In Phase with HO High Side Floating Supply High Side Gate Drive Output High Side Floating Supply Return Low Side Supply Low Side Gate Drive Output Logic and Low Side Return
IN
IN (LO) 50% IN (HO) 50%
HO
tr ton 90% LO HO toff 90%
tf
LO
10%
10%
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
50% IN
50%
90% HO LO 90% 10% 10% DT
Figure 3. Deadtime Waveform Definitions
4
Motorola Power Products Division Advanced Data
MPIC2111
PACKAGE DIMENSIONS
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
CASE 626-05 ISSUE K
STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8.
AC IN DC + IN DC - IN AC IN GROUND OUTPUT AUXILIARY VCC
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
R
CASE 751-05 ISSUE P
Motorola Power Products Division Advanced Data
5
MPIC2111
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Power Products Division Advanced Data
*MPIC2111/D*
MPIC2111/D


▲Up To Search▲   

 
Price & Availability of MPIC2111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X